Part Number Hot Search : 
TB106 AD7729 170M6342 DZ13B 1N4082 D44H11 015020 AD7545TQ
Product Description
Full Text Search
 

To Download 2N7002T-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n7002t document number: ds30301 rev. 14 - 2 1 of 5 www.diodes.com april 2012 ? diodes incorporated 2n7002t n-channel enhancement mode mosfet product summary v (br)dss r ds(on) i d t a = 25c 60v 7.5? @ v gs = 5v 115ma description and applications this new generation mosfet has been designed to minimize the on- state resistance (r ds(on) ) and yet maintain superior switching performance, making it ideal fo r high efficiency power management applications. ? dc-dc converters ? power management functions ? battery operated systems and solid-state relays ? drivers: relays, solenoids, lamps, hammers, displays, memories, transistors, etc features ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? ultra-small surface mount package ? totally lead free, full rohs compliant (note 1) ? halogen and antimony free. "green" device (notes 2 and 3) ? qualified to aec-q101 standards for high reliability m echanical data ? case: sot523 ? case material: molded plastic. ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? terminal connections: see diagram ? weight: 0.002 grams (approximate) ordering information (note 4) part number qualification case packaging 2N7002T-7-F commercial sot523 3,000/tape & reel 2n7002t-13-f commercial sot523 10,000/tape & reel 2n7002tq-7-f automotive sot523 3,000/tape & reel 2n7002tq-13-f automotive sot523 10,000/tape & reel notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. no purposely added lead. halogen and antimony free 2. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 3. product manufactured with date code uo (week 40, 2007) and newer are built with green molding compound. product manufacture d prior to date code uo are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants 4. for packaging details, go to our website at http://www.diodes.com. marking information date code key year 2005 2006 2007 2008 2009 2010 2011 2012 code s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d sot523 top view e q uivalent circuit top view source gate drain d gs 72 = product type marking code ym = date code marking y = year (ex: t = 2006) m = month (ex: 9 = september) 72 ym
2n7002t document number: ds30301 rev. 14 - 2 2 of 5 www.diodes.com april 2012 ? diodes incorporated 2n7002t maximum ratings @t a = 25c unless otherwise specified characteristic symbol value units drain-source voltage v dss 60 v drain-gate voltage r gs 1.0m v dgr 60 v gate-source voltage continuous pulsed v gss 20 40 v drain current (note 5) continuous continuous @ 100c pulsed i d 115 73 800 ma thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value units total power dissipation (note 5) p d 150 mw thermal resistance, junction to ambient r ja 833 c/w operating and storage temperature range t j, t stg -55 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 6) drain-source breakdown voltage bv dss 60 ? ? v v gs = 0v, i d = 10 a zero gate voltage drain current @ t c = 25c @ t c = 125c i dss ? ? 1.0 500 a v ds = 60v, v gs = 0v gate-body leakage i gss ? ? 10 na v gs = 20v, v ds = 0v on characteristics (note 6) gate threshold voltage v gs ( th ) 1.0 ? 2.0 v v ds = v gs , i d = 250 a static drain-source on-resistance @ t j = 25c @ t j = 125c r ds (on) ? 2.0 4.4 7.5 13.5 v gs = 5.0v, i d = 0.05a v gs = 10v, i d = 0.5a on-state drain current i d ( on ) 0.5 1.0 ? a v gs = 10v, v ds = 7.5v forward transconductance g fs 80 ? ? ms v ds =10v, i d = 0.2a dynamic characteristics (note 7) input capacitance c iss ? 22 50 pf v ds = 25v, v gs = 0v, f = 1.0mhz output capacitance c oss ? 11 25 pf reverse transfer capacitance c rss ? 2.0 5.0 pf switching characteristics (note 7) turn-on delay time t d ( on ) ? 7.0 20 ns v dd = 30v, i d = 0.2a, r l = 150 , v gen = 10v, r gen = 25 turn-off delay time t d ( off ) ? 11 20 ns notes: 5. device mounted on fr-4 pc board, with minimum recommended pad layout, single sided. 6 .short duration pulse test used to minimize self-heating effect. 7. guaranteed by design. not subject to production testing.
2n7002t document number: ds30301 rev. 14 - 2 3 of 5 www.diodes.com april 2012 ? diodes incorporated 2n7002t 012 3 4 5 v , drain-source voltage (v) fig. 1 on-region characteristics ds 0.2 0.1 0.4 0.3 0.5 0.6 0.7 0.8 0.9 i, d r ai n -s o u r c e c u r r e n t (a) d 1.0 0 v = 2.5v gs v = 3.0v gs v = 4.0v gs v = 5.0v gs v = 6.0v gs v = 7.0v gs v = 10v gs 1 2 3 4 5 00.2 i , drain-source current (a) fig. 2 on-resistance variation with gate voltage and drain-source current d 0.4 0.6 0.8 1.0 r , d r ai n -s o u r c e o n - r esis t a n c e ds(on) () v = 3.0v gs v = 4.0v gs v = .0v gs 6 v = .0v gs 7 v = v gs 10 v = 5.0v gs 0.5 1.5 2.5 0 1.0 2.0 -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) fig. 3 gate threshold variation with temperature j v, g a t e t h r es h o ld v o l t a g e (v) gs(th) i = 250a d 0.5 1.5 2.5 r d r ai n -s o u r c e on-resistance (normalized) ds(on) , 0 1.0 2.0 3.0 -50 -25 0 25 50 75 100 125 150 t , junction temperature ( c) fig. 4 on-resistance variation with temperature j v = 10v i = 500ma gs d 0 5 10 15 20 25 30 v , drain-source voltage (v) fig. 5 typical capacitance ds 0 10 20 30 50 40 60 c , c a p a c i t a n c e (p f ) c iss c oss c rss f = 1mhz 0 2 468 10 v , gate-source voltage (v) fig. 6 on-resistance vs. gate-source voltage gs 0 0.5 2.0 3.0 2.5 4.5 4.0 3.5 5.0 r d r ain-s o u r c e o n- r esis t an c e ds(on), () 1.5 1.0 i = 50ma d
2n7002t document number: ds30301 rev. 14 - 2 4 of 5 www.diodes.com april 2012 ? diodes incorporated 2n7002t package outline dimensions suggested pad layout sot523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d ? ? 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50 0 8 ? all dimensions in mm dimensions value (in mm) z 1.8 x 0.4 y 0.51 c 1.3 e 0.7 a m j l d b c h k g n x e y c z
2n7002t document number: ds30301 rev. 14 - 2 5 of 5 www.diodes.com april 2012 ? diodes incorporated 2n7002t important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 2N7002T-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X